Part Number Hot Search : 
25RIA20 97A37 15KPJ58 97A37 C486FD19 BP60130 B3925 TC124
Product Description
Full Text Search
 

To Download IRFIZ46N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 9.1306A
IRFIZ46N
HEXFET(R) Power MOSFET
l l l l l
Advanced Process Technology Isolated Package High Voltage Isolation = 2.5KVRMS Sink to Lead Creepage Dist. = 4.8mm Fully Avalanche Rated
D
VDSS = 55V
G S
RDS(on) = 0.020 ID = 33A
Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications. The TO-220 Fullpak eliminates the need for additional insulating hardware in commercial-industrial applications. The moulding compound used provides a high isolation capability and a low thermal resistance between the tab and external heatsink. This isolation is equivalent to using a 100 micron mica barrier with standard TO-220 product. The Fullpak is mounted to a heatsink using a single clip or by a single screw fixing.
TO-220 FULLPAK
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 screw.
Max.
33 23 180 45 0.3 20 230 16 4.5 5.0 -55 to + 175 300 (1.6mm from case) 10 lbf*in (1.1N*m)
Units
A W W/C V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJC RJA Junction-to-Case Junction-to-Ambient
Min.
---- ----
Typ.
---- ----
Max.
3.3 65
Units
C/W 8/25/97
IRFIZ46N
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(on) Static Drain-to-Source On-Resistance VGS(th) Gate Threshold Voltage gfs Forward Transconductance V(BR)DSS IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss C Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Drain to Sink Capacitance Typ. Max. Units Conditions --- --- V VGS = 0V, ID = 250A 0.017 --- V/C Reference to 25C, ID = 1mA --- 0.020 VGS = 10V, ID = 19A --- 4.0 V VDS = VGS , ID = 250A --- --- S VDS = 25V, ID = 28A --- 25 VDS = 55V, VGS = 0V A --- 250 VDS = 44V, VGS = 0V, T J = 150C --- 100 VGS = 20V nA --- -100 VGS = -20V --- 61 ID = 28A --- 13 nC VDS = 44V --- 24 VGS = 10V, See Fig. 6 and 13 12 --- VDD = 28V 80 --- ID = 28A ns 43 --- RG = 12 52 --- RD = 0.98, See Fig. 10 Between lead, --- 4.5 --- 6mm (0.25in.) nH from package --- 7.5 --- --- --- and center of die contact --- 1500 --- VGS = 0V --- 450 --- VDS = 25V pF --- 160 --- = 1.0MHz, See Fig. 5 --- 12 --- = 1.0MHz Min. 55 --- --- 2.0 16 --- --- --- --- --- --- --- --- --- --- ---
D
G
S
Source-Drain Ratings and Characteristics
IS
I SM
V SD t rr Q rr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Min. Typ. Max. Units --- --- --- --- --- --- --- --- 72 210 33 A 180 1.3 110 310 V ns nC
Conditions MOSFET symbol showing the integral reverse p-n junction diode. TJ = 25C, IS = 19A, VGS = 0V TJ = 25C, IF = 28A di/dt = 100A/s
D
G S
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
VDD = 25V, starting TJ = 25C, L = 410H
RG = 25, IAS = 28A. (See Figure 12)
ISD 28A, di/dt 240A/s, VDD V(BR)DSS,
TJ 175C
Pulse width 300s; duty cycle 2%.
Uses IRFZ46N data and test conditions
t=60s, =60Hz
IRFIZ46N
1000
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTT OM 4.5V TOP
1000
I , D ra in -to -S o u rce C u rre n t (A ) D
I , D ra in -to -S o u rce C u rre n t (A ) D
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTT OM 4.5V TOP
100
100
10
10
4 .5V
4.5 V
1 0.1 1
2 0 s PU LSE W ID TH TJ TC = 2 5C
10
A
1 0.1 1
20 s P UL SE W IDTH TTJ = 17 5C C
10 100
A
100
V D S , D rain-to-S ource V oltage (V )
V D S , Drain-to-Source V oltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
2.5
R D S (o n ) , D ra in -to -S o u rc e O n R e si sta n ce (N o rm a li ze d )
I D = 2 8A
I D , D r ain- to-S ourc e C urre nt (A )
2.0
100
TJ = 2 5 C TJ = 1 7 5 C
1.5
1.0
10
0.5
1 4 5 6 7
V DS = 2 5 V 2 0 s P U L SE W ID TH
8 9 10
A
0.0 -60 -40 -20 0 20 40 60 80
V G S = 10 V
100 120 140 160 180
A
V G S , Ga te-to-S o urce V oltage (V )
T J , Junction T em perature (C )
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
IRFIZ46N
2800
2400
C , C a p a c ita n c e (p F )
2000
C is s
1600
C os s
1200
V G S , G a te -to -S o u rc e V o lta g e (V )
V GS C is s C rs s C o ss
= 0 V, f = 1M H z = C gs + C gd , Cds SH O RTE D = C gd = C ds + C g d
20
I D = 2 8A V DS = 4 4V V DS = 2 8V
16
12
8
800
C rs s
400
4
0 1 10 100
A
0 0 10 20 30
FO R TES T C IR CU IT SEE FIG U R E 13
40 50 60
A
V D S , Drain-to-Source V oltage (V)
Q G , Total Gate Charge (nC )
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
1000
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
I S D , R e v e rse D ra in C u rre n t (A )
OPE R ATIO N IN TH IS A RE A LIMITE D BY R D S(o n)
I D , D ra in C u rre n t (A )
100
100
1 0s
T J = 17 5C T J = 25 C
10
1 00s
10
1m s
1 0.4 0.8 1.2 1.6
VG S = 0 V
2.0
A
1 1
T C = 25 C T J = 17 5C S ing le Pulse
10
10m s
A
100
2.4
V S D , S ource-to-Drain Voltage (V )
V D S , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
IRFIZ46N
35
VDS VGS
RD
30
D.U.T.
+
RG
ID , Drain Current (A)
-VDD
25
10V
20
Pulse Width 1 s Duty Factor 0.1 %
15
Fig 10a. Switching Time Test Circuit
VDS 90%
10
5
0 25 50 75 100 125 150 175
TC , Case Temperature
( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
10
Fig 10b. Switching Time Waveforms
Thermal Response (Z thJC )
D = 0.50 1 0.20 0.10 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) P DM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1
0.1
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
IRFIZ46N
L
E A S , S in g le P u ls e A va la n c h e E n e rg y (m J)
VDS D.U.T. RG + 10 V
500
TO P
400
B OTTO M
ID 11 A 2 0A 28 A
VDD
IAS tp
0.01
300
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp VDD VDS
200
100
0 25
VD D = 2 5V
50 75 100 125 150
A
175
Starting T J , Junction Temperature (C)
IAS
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K 12V .2F .3F
QG
10 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
IG
ID
Charge
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
IRFIZ46N
Peak Diode Recovery dv/dt Test Circuit
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
D.U.T
+
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFETS
IRFIZ46N
Package Outline
TO-220 FullPak Outline Dimensions are shown in millimeters (inches)
10.60 (.41 7) 10.40 (.40 9) o 3.40 (.133 ) 3.10 (.123 ) -A 3.70 (.145) 3.20 (.126) 4.8 0 (.189) 4.6 0 (.181) 2 .80 (.110) 2 .60 (.102) LE AD A S SIGN M E N T S 1 - GA TE 2 - D R AIN 3 - SO U R C E
7 .10 (.280) 6 .70 (.263)
16 .0 0 (.630) 15 .8 0 (.622)
1.15 (.04 5) M IN . 1 2 3
N O T ES : 1 D IM EN SION IN G & T O LER A N C IN G PE R AN S I Y14.5 M , 1982 2 C O N TR OLLIN G D IM EN S ION : IN C H .
3.30 (.130 ) 3.10 (.122 ) -B13 .7 0 (.540) 13 .5 0 (.530) C D
A 3X 1.40 (.05 5) 1.05 (.04 2) 0.9 0 (.035) 3X 0.7 0 (.028) 0.25 (.010 ) 2 .54 (.100) 2X M AM B 3X 0.48 (.019) 0.44 (.017)
B
2.85 (.112 ) 2.65 (.104 )
M IN IM U M C R E EP AG E D IST A NC E B ET W E EN A-B -C -D = 4.80 (.189 )
Part Marking Information
TO-220 FullPak
E XAM PLE : T HIS IS A N IRF I840G W ITH AS SE MBLY LOT CODE E401
A
INT ER NAT IONA L RE CTIF IER LOGO
PA RT NU MBE R IRF I840G
E 401 9 24 5
AS SE MBLY LOT COD E
D ATE CODE (YYW W ) YY = YE AR W W = W E EK
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-KU, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371 http://www.irf.com/ Data and specifications subject to change without notice. 8/97


▲Up To Search▲   

 
Price & Availability of IRFIZ46N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X